Part Number Hot Search : 
KG9501 SLA50 M74HC3 05100 SV153 ZMD31010 MBR1040F 43650
Product Description
Full Text Search
 

To Download 2SC4081W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification silicon epitaxial planar transistor 2SC4081W document number: bl/ssstf002 www.galaxycn.com rev.a 1 features z excellent h fe linearity. z complements the 2a1576a applications z npn silicon epitaxial planar transistor. sot-323 ordering information type no. marking package code 2SC4081W bq/br/bs sot-323 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 60 v v ceo collector-emitter voltage 50 v v ebo emitter-base voltage 6 v i c collector current -continuous 150 ma p c collector dissipation 200 mw t j, t stg junction and storage temperature -55~150 electrical characteristics @ ta=25 unless otherwise specified pb lead-free
bl galaxy electrical production specification silicon epitaxial planar transistor 2SC4081W document number: bl/ssstf002 www.galaxycn.com rev.a 2 parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =50 a,i e =0 60 v collector-emitter breakdown voltage v (br)ceo i c =1ma,i b =0 50 v emitter-base breakdown voltage v (br)ebo i e =50 a,i c =0 6 v collector cut-off current i cbo v cb =60v,i e =0 0.1 a emitter cut-off current i ebo v eb =6v,i c =0 0.1 a dc current gain h fe v ce =6v,i c =1ma 120 560 collector-emitter saturation voltage v ce(sat) i ce =50ma,i b =5ma 0.4 v transition frequency f t v ce =12v, i c = 2ma,f=30mhz 180 ghz collector output capacitance c ob v cb =12v,i e =0,f=1mhz 3.5 pf classification of h fe rank q r s range 120-270 180-390 270-560 marking bq br bs
bl galaxy electrical production specification silicon epitaxial planar transistor 2SC4081W document number: bl/ssstf002 www.galaxycn.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification silicon epitaxial planar transistor 2SC4081W document number: bl/ssstf002 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-323 package information sot-323 dim min max a 1.8 2.2 b 1.15 1.35 c 1.0typical d 0.15 0.35 e 0.25 0.40 g 1.2 1.4 h 0.02 0.1 j 0.1typical k 2.1 2.3 all dimensions in mm device package shipping 2SC4081W sot-323 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of 2SC4081W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X